PART |
Description |
Maker |
MIC446705 MIC44XXBWM MIC446711 MIC4468 MIC4469BWM |
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS 1.2 A 4 CHANNEL, AND GATE BASED MOSFET DRIVER, PDSO16 MOSFET Driver IC; MOSFET Driver Type:Quad Drivers, Low Side H Bridge; Peak Output High Current, Ioh:1.2A; Rise Time:14ns; Fall Time, tf:13ns; Load Capacitance:1000pF; Package/Case:16-SOIC; No. of Drivers:4; Supply Voltage Max:18V RoHS Compliant: Yes
|
Micrel Semiconductor MICREL INC
|
FAITD25J FAITD25G FAITD250 AITD75J FAITD75J FAITD2 |
8-/16-Channel 16-Bit No Latency Delta Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Regulator; Features: Medium current output; Note: Isolation package; Comments: 60V load dump; V OUT (%): (max /-3) Regulator; Features: Low current output; Note: Radial tape packing for automatic mounting; Comments: 60V load dump; V OUT (%): (max /-10) Regulator; Features: Low current output; Note: Surface-mount PW-MOLD(SOT-89) package; Comments: 60V load dump; V OUT (%): (max /-10) Photorelays (MOSFET Output Devices); Features: 1b (Normaly Close); Package: DIP4; Surface Mount Type: Y/N; Number of Pins: 4; Trigger LED Current Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.0A); Channel: 1-ch; PWM Drive: n/a; Package: SIP9; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 27V (30V); Io (lpeak): 1A (2A); Channel: 1-ch; PWM Drive: n/a; Package: HSIP10; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.2A); Channel: 1-ch; PWM Drive: n/a; Package: SIP9; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.2A); Channel: 1-ch; PWM Drive: n/a; Package: HSOP16; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 18V (25V); Io (lpeak): 1A (3A); Channel: 1-ch; PWM Drive: n/a; Package: HSIP7; RoHS Compatible: yes Series Regulators; Surface Mount Type: Y; Package: New PW-MOLD; Number Of Pins: 3; Polarity: Positive; General Description: Three-Terminal Voltage Regulator; Features: Medium current output; Note: Surface-mount PW-MOLD package 逻辑IC Logic IC 逻辑IC
|
Bourns, Inc. Thomas
|
BD16922EFV-M |
Automotive 2ch 60V Max, H-bridge Drivers
|
ROHM
|
MT4118-HR MT4118-O MT2118-G MT1418-RG MT3418-Y MT4 |
Standar Standard T-1 3/4 LED Lamps Standar标准T - 1 3 / 4个LED MOSFET Driver IC; MOSFET Driver Type:Single Driver, Low Side Inverting; Peak Output High Current, Ioh:12A; Rise Time:20ns; Fall Time:24ns; Load Capacitance:15000pF; Package/Case:8-PDIP; Number of Drivers:1; Supply Voltage Max:18V
|
Marktech Optoelectronics MARKTECH[Marktech Corporate]
|
MIC4223 MIC4223YM MIC4223YMME MIC4224 MIC4224YM MI |
Dual 4A, 4.5V to 18V, 15ns Switch Time, Low-Side MOSFET Drivers with Enable
|
MIC GROUP RECTIFIERS Micrel Semiconductor
|
ISL55141IRZ ISL55141IVZ ISL551410607 ISL55142IRZ I |
High-Speed 18V CMOS Comparators; Temperature Range: -40°C to 85°C; Package: 36-QFN T&R COMPARATOR, 50000 uV OFFSET-MAX, 9.5 ns RESPONSE TIME, PQCC36 High-Speed 18V CMOS Comparators; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R COMPARATOR, 50000 uV OFFSET-MAX, 9.5 ns RESPONSE TIME, PDSO14
|
Intersil, Corp. Intersil Corporation
|
TC74VHC4053AFK TC74VHC4051AFT |
Loop detection; Vin (V) max.: 24; Icc (mA) max.: 6.45; Fmax (kHz) max.: 400; Topr [Tjopr] (°C): -40 to 125; Remarks: Power factor collection; Package: DIP; Pin count: 16 Synchronous phase shift full-bridge control IC ; Vin (V) max.: 20; Icc (mA) max.: 10; Fmax (kHz) max.: 2 MHz; Topr [Tjopr] (°C): -40 to 125; Remarks: Switching regulator; Package: TSSOP; Pin count: 20
|
Toshiba Corporation
|
HSOP25 HSOP-M28 BD6230F-E2 BD6231F-E2 BD6231HFP-TR |
DC Brush Motor Drivers (36V max.)
|
Rohm
|
X4ODC24A X4ODC15A |
Input/Output Module; Input Current Max:15mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:30.5V; Supply Voltage Min:18V; Output Voltage Max:200V; Output Voltage Min:5V Input/Output Module; Input Current Max:20mA; Output Current:1A; Output Current Max:1A; Output Type:DC; Output Voltage:100V; Supply Voltage Max:20V; Supply Voltage Min:10V; Output Voltage Max:200V; Output Voltage Min:5V
|
CRYDOM CORP
|
ISL89400ABZ ISL89401ABZ ISL89401AR3Z-T |
100V, 1.25A Peak, High Frequency Half-Bridge Drivers 100V, 1.25A Peak, High Frequency Half-Bridge Drivers; Temperature Range: Full-Range Ind; Package: 9-DFN T&R
|
Intersil Corporation
|
EL7581 EL7581IRE EL7581IRE-T13 EL7581IRE-T7 EL7581 |
DC-DC Converter, 3-Channel, TFT/LCD Applications, V IN =2/14V VBOOST =5/18V, VON =5/40V, VOFF =-40/0V, IBOOST 720mA @ 12V 3-Channel DC-DC Converter 2.75 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|